Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download CAT93W66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 april, 2012 ? rev. 11 1 publication order number: cat93c66/d cat93c66, CAT93W66 4 kb microwire serial cmos eeprom description the cat93c66 is a 4 kb cmos serial eeprom device which is organized as either 256 registers of 16 bits (org pin at v cc ) or 512 registers of 8 bits (org pin at gnd). the CAT93W66 features x16 memory organization only. each register can be written (or read) serially by using the di (or do) pin. the device features sequential read and self ? timed internal write with auto ? clear. on ? chip power ? on reset circuitry protects the internal logic against powering up in the wrong state. features ? high speed operation: 4 mhz (5 v), 2 mhz (1.8 v) ? 1.8 v to 5.5 v supply voltage range ? selectable x8 or x16 memory organization: cat93c66 ? self ? timed write cycle with auto ? clear ? sequential read ? software write protection ? power ? up inadvertent write protection ? low power cmos technology ? 1,000,000 program/erase cycles ? 100 year data retention ? industrial and extended temperature ranges ? 8 ? lead pdip, soic, tssop, 6 ? lead sot ? 23, 8 ? pad tdfn and udfn packages ? these devices are pb ? free, halogen free/bfr free, and rohs compliant org do cat93c66 sk gnd v cc figure 1. functional symbols di cs do CAT93W66 sk gnd v cc di cs cat93c66 selectable organization: when the org pin is connected to v cc , the x16 organization is selected. when it is connected to ground, the x8 organization is selected. if the org pin is left unconnected, then an internal pull ? up device will select the x16 organization. CAT93W66: the device works in x16 mode only. http://onsemi.com pin configuration do di sk cs see detailed ordering and shipping information in the package dimensions section on page 16 of this data sheet. ordering information soic ? 8 v, w* suffix case 751bd pdip (l), soic (v, x), tssop (y), tdfn (vp2)*, udfn (hu4) pdip ? 8 l suffix case 646aa tssop ? 8 y suffix case 948al soic ? 8 x suffix case 751be * not recommended for new designs ** cat93c66 available in sot ? 23 6 ? pin for x8 organization. contact factory for availability. gnd org nc v cc sk cs v cc nc 1 di do gnd org soic (w)* sot23 ? 6 tb suffix case 527aj di gnd do 1 sk cs v cc sot ? 23 (tb)** 2 3 6 5 4 2 3 4 8 7 6 5 1 2 3 4 8 7 6 5 tdfn (vp2) CAT93W66 do di sk cs gnd nc nc v cc 1 2 3 4 8 7 6 5 udfn ? 8 hu4 suffix case 517az tdfn ? 8* vp2 suffix case 511ak
cat93c66, CAT93W66 http://onsemi.com 2 table 1. pin function pin name function pin name function cs chip select v cc power supply sk clock input gnd ground di serial data input org (note 1) memory organization do serial data output nc no connection 1. org pin available for the cat93c66 only. table 2. absolute maximum ratings parameters ratings units storage temperature ? 65 to +150 c voltage on any pin with respect to ground (note 2) ? 0.5 to +6.5 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 2. the dc input voltage on any pin should not be lower than ? 0.5 v or higher than v cc + 0.5 v. during transitions, the voltage on any pin may undershoot to no less than ? 1.5 v or overshoot to no more than v cc + 1.5 v, for periods of less than 20 ns. table 3. reliability characteristics (note 3) symbol parameter min units n end (note 4) endurance 1,000,000 program / erase cycles t dr data retention 100 years 3. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 4. block mode, v cc = 5 v, 25 c. table 4. d.c. operating characteristics ? mature product ( v cc = +1.8 v to +5.5 v, t a = ? 40 c to +125 c unless otherwise specified.) symbol parameter test conditions min max units i cc1 power supply current (write) f sk = 1 mhz, v cc = 5.0 v 1 ma i cc2 power supply current (read) f sk = 1 mhz, v cc = 5.0 v 500  a i sb1 power supply current (standby) (x8 mode) v in = gnd or v cc , cs = gnd org = gnd t a = ? 40 c to +85 c 2  a t a = ? 40 c to +125 c 4 i sb2 power supply current (standby) (x16 mode) v in = gnd or v cc , cs = gnd org = float or v cc t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 i li input leakage current v in = gnd to v cc t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 i lo output leakage current v out = gnd to v cc , cs = gnd t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 v il1 input low voltage 4.5 v v cc < 5.5 v ? 0.1 0.8 v v ih1 input high voltage 4.5 v v cc < 5.5 v 2 v cc + 1 v v il2 input low voltage 1.8 v v cc < 4.5 v 0 v cc x 0.2 v v ih2 input high voltage 1.8 v v cc < 4.5 v v cc x 0.7 v cc + 1 v v ol1 output low voltage 4.5 v v cc < 5.5 v, i ol = 2.1 ma 0.4 v v oh1 output high voltage 4.5 v v cc < 5.5 v, i oh = ? 400  a 2.4 v v ol2 output low voltage 1.8 v v cc < 4.5 v, i ol = 1 ma 0.2 v v oh2 output high voltage 1.8 v v cc < 4.5 v, i oh = ? 100  a v cc ? 0.2 v
cat93c66, CAT93W66 http://onsemi.com 3 table 5. d.c. operating characteristics ? new product (rev h) (v cc = +1.8 v to +5.5 v, t a = ? 40 c to +125 c unless otherwise specified.) symbol parameter test conditions min max units i cc1 supply current (write) write, v cc = 5.0 v 1 ma i cc2 supply current (read) read, do open, f sk = 2 mhz, v cc = 5.0 v 500  a i sb1 standby current (x8 mode) v in = gnd or v cc cs = gnd, org = gnd t a = ? 40 c to +85 c 2  a t a = ? 40 c to +125 c 5 i sb2 standby current (x16 mode) v in = gnd or v cc cs = gnd, org = float or v cc t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 3 i li input leakage current v in = gnd to v cc t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 i lo output leakage current v out = gnd to v cc cs = gnd t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 v il1 input low voltage 4.5 v v cc < 5.5 v ? 0.1 0.8 v v ih1 input high voltage 4.5 v v cc < 5.5 v 2 v cc + 1 v v il2 input low voltage 1.8 v v cc < 4.5 v 0 v cc x 0.2 v v ih2 input high voltage 1.8 v v cc < 4.5 v v cc x 0.7 v cc + 1 v v ol1 output low voltage 4.5 v v cc < 5.5 v, i ol = 3 ma 0.4 v v oh1 output high voltage 4.5 v v cc < 5.5 v, i oh = ? 400  a 2.4 v v ol2 output low voltage 1.8 v v cc < 4.5 v, i ol = 1 ma 0.2 v v oh2 output high voltage 1.8 v v cc < 4.5 v, i oh = ? 100  a v cc ? 0.2 v table 6. pin capacitance (t a = 25 c, f = 1.0 mhz, v cc = +5.0 v) symbol test conditions min typ max units c out (note 5) output capacitance (do) v out = 0 v 5 pf c in (note 5) input capacitance (cs, sk, di, org) v in = 0 v 5 pf 5. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. table 7. power ? up timing (notes 6, 7) symbol parameter max units t pur power ? up to read operation 1 ms t puw power ? up to write operation 1 ms 6. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 7. t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated. table 8. a.c. test conditions input rise and fall times 50 ns input pulse voltages 0.4 v to 2.4 v 4.5 v v cc 5.5 v timing reference voltages 0.8 v, 2.0 v 4.5 v v cc 5.5 v input pulse voltages 0.2 v cc to 0.7 v cc 1.8 v v cc 4.5 v timing reference voltages 0.5 v cc 1.8 v v cc 4.5 v output load current source i olmax /i ohmax ; cl = 100 pf
cat93c66, CAT93W66 http://onsemi.com 4 table 9. a.c. characteristics ? mature product (v cc = +1.8 v to +5.5 v, t a = ? 40 c to +125 c, unless otherwise specified.) (note 8) symbol parameter limits units min max t css cs setup time 50 ns t csh cs hold time 0 ns t dis di setup time 100 ns t dih di hold time 100 ns t pd1 output delay to 1 0.25  s t pd0 output delay to 0 0.25  s t hz (note 9) output delay to high ? z 100 ns t ew program/erase pulse width 5 ms t csmin minimum cs low time 0.25  s t skhi minimum sk high time 0.25  s t sklow minimum sk low time 0.25  s t sv output delay to status valid 0.25  s sk max maximum clock frequency dc 2000 khz 8. test conditions according to ?a.c. test conditions? table. 9. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. table 10. a.c. characteristics ? new product (rev h) (v cc = +1.8 v to +5.5 v, ta = ? 40 c to +125 c, unless otherwise specified.) symbol parameter v cc = 1.8 v ? 5.5 v v cc = 4.5 v ? 5.5 v units min max min max t css cs setup time 50 50 ns t csh cs hold time 0 0 ns t dis di setup time 100 50 ns t dih di hold time 100 50 ns t pd1 output delay to 1 0.25 0.1  s t pd0 output delay to 0 0.25 0.1  s t hz (note 10) output delay to high ? z 100 100 ns t ew program/erase pulse width 5 5 ms t csmin minimum cs low time 0.25 0.1  s t skhi minimum sk high time 0.25 0.1  s t sklow minimum sk low time 0.25 0.1  s t sv output delay to status valid 0.25 0.1  s sk max maximum clock frequency dc 2000 dc 4000 khz 10. this parameter is tested initially and after a design or process change that affects the parameter.
cat93c66, CAT93W66 http://onsemi.com 5 device operation the cat93c66 is a 4096 ? bit nonvolatile memory intended for use with industry standard microprocessors. the cat93c66 can be organized as either registers of 16 bits or 8 bits. when organized as x16, seven 11 ? bit instructions control the reading, writing and erase operations of the device. when organized as x8, seven 12 ? bit instructions control the reading, writing and erase operations of the device. the CAT93W66 works in x16 mode only. the device operates on a single power supply and will generate on chip, the high voltage required during any write operation. instructions, addresses, and write data are clocked into the di pin on the rising edge of the clock (sk). the do pin is normally in a high impedance state except when reading data from the device, or when checking the ready/busy status after a write operation. the serial communication protocol follows the timing shown in figure 2. the ready/busy status can be determined after the start of internal write cycle by selecting the device (cs high) and polling the do pin; do low indicates that the write operation is not completed, while do high indicates that the device is ready for the next instruction. if necessary, the do pin may be placed back into a high impedance state during chip select by shifting a dummy ?1? into the di pin. the do pin will enter the high impedance state on the rising edge of the clock (sk). placing the do pin into the high impedance state is recommended in applications where the di pin and the do pin are to be tied together to form a common di/o pin. the format for all instructions sent to the device is a logical ?1? start bit, a 2 ? bit (or 4 ? bit) opcode, 8 ? bit address (an additional bit when organized x8) and for write operations a 16 ? bit data field (8 ? bit for x8 organizations). the instruction format is shown in instruction set table. table 11. instruction set instruction start bit opcode address data comments x8 (note 11) x16 x8 (note 11) x16 read 1 10 a8 ? a0 a7 ? a0 read address an ? a0 erase 1 11 a8 ? a0 a7 ? a0 clear address an ? a0 write 1 01 a8 ? a0 a7 ? a0 d7 ? d0 d15 ? d0 write address an ? a0 ewen 1 00 11xxxxxxx 11xxxxxx write enable ewds 1 00 00xxxxxxx 00xxxxxx write disable eral 1 00 10xxxxxxx 10xxxxxx clear all addresses wral 1 00 01xxxxxxx 01xxxxxx d7 ? d0 d15 ? d0 write all addresses 11. the x8 memory organization is available for the cat93c66 only.
cat93c66, CAT93W66 http://onsemi.com 6 read upon receiving a read command and an address (clocked into the di pin), the do pin of the cat93c66, CAT93W66 will come out of the high impedance state and, after sending an initial dummy zero bit, will begin shifting out the data addressed (msb first). the output data bits will toggle on the rising edge of the sk clock and are stable after the specified time delay (t pd0 or t pd1 ). for the ca t93c66, CAT93W66 after the initial data word has been shifted out and cs remains asserted with the sk clock continuing to toggle, the device will automatically increment to the next address and shift out the next data word in a sequential read mode. as long as cs is continuously asserted and sk continues to toggle, the device will keep incrementing to the next address automatically until it reaches to the end of the address space, then loops back to address 0. in the sequential read mode, only the initial data word is preceeded by a dummy zero bit. all subsequent data words will follow without a dummy zero bit. the read instruction timing is illustrated in figure 3. erase/write enable and disable the device powers up in the write disable state. any writing after power ? up or after an ewds (erase/write disable) instruction must first be preceded by the ewen (erase/write enable) instruction. once the write instruction is enabled, it will remain enabled until power to the device is removed, or the ewds instruction is sent. the ewds instruction can be used to disable all cat93c66, CAT93W66 write and erase instructions, and will prevent any accidental writing or clearing of the device. data can be read normally from the device regardless of the write enable/disable status. the ewen and ewds instructions timing is shown in figure 4. figure 2. synchronous data timing sk di cs do valid valid data valid t css t dis t skhi t sklow t dis t dih t csh t csmin t pd0 , t pd1 figure 3. read instruction timing sk cs di do high ? z 11 0 dummy 0 don?t care a n a n ? 1 t pd0 a 0 address + n d 15 . . . or d 7 . . . address + 2 d 15 . . . d 0 or d 7 . . . d 0 address + 1 d 15 . . . d 0 or d 7 . . . d 0 d 15 . . . d 0 or d 7 . . . d 0
cat93c66, CAT93W66 http://onsemi.com 7 write after receiving a write command (figure 5), address and the data, the cs (chip select) pin must be deselected for a minimum of t csmin . the falling edge of cs will start the self clocking clear and data store cycle of the memory location specified in the instruction. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the cat93c66, CAT93W66 can be determined by selecting the device and polling the do pin. since this device features auto ? clear before write, it is not necessary to erase a memory location before it is written into. erase upon receiving an erase command and address, the cs (chip select) pin must be deasserted for a minimum of t csmin (figure 6). the falling edge of cs will start the self clocking clear cycle of the selected memory location. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the cat93c66, CAT93W66 can be determined by selecting the device and polling the do pin. once cleared, the content of a cleared location returns to a logical ?1? state. figure 4. ewen/ewds instruction timing cs di standby 10 0 * sk * enable = 11 disable = 00 figure 5. write instruction timing sk cs di do standby high ? z high ? z 101 busy ready status t hz t ew t sv verify a n ? 1 a n a 0 d 0 d n t csmin figure 6. erase instruction timing sk cs di do standby high ? z high ? z 1 busy ready status 11 verify t hz a n a n ? 1 a 0 t cs t sv t ew
cat93c66, CAT93W66 http://onsemi.com 8 erase all upon receiving an eral command (figure 7), the cs (chip select) pin must be deselected for a minimum of t csmin . the falling edge of cs will start the self clocking clear cycle of all memory locations in the device. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the device can be determined by selecting the device and polling the do pin. once cleared, the contents of all memory bits return to a logical ?1? state. write all upon receiving a wral command and data, the cs (chip select) pin must be deselected for a minimum of t csmin (figure 8). the falling edge of cs will start the self clocking data write to all memory locations in the device. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the device can be determined by selecting the device and polling the do pin. it is not necessary for all memory locations to be cleared before the wral command is executed. figure 7. eral instruction timing sk cs di do standby high ? z high ? z 10 1 busy ready status verify 00 t hz t cs t sv t ew figure 8. wral instruction timing status verify sk cs di do standby high ? z 10 1 busy ready 0 0 d n d 0 t sv t hz t csmin t ew
cat93c66, CAT93W66 http://onsemi.com 9 package dimensions pdip ? 8, 300 mils case 646aa ? 01 issue a e1 d a l eb b2 a1 a2 e eb c top view side view end view pin # 1 identification notes: (1) all dimensions are in millimeters. (2) complies with jedec ms-001. symbol min nom max a a1 a2 b b2 c d e e1 l 0.38 2.92 0.36 6.10 1.14 0.20 9.02 2.54 bsc 3.30 5.33 4.95 0.56 7.11 1.78 0.36 10.16 eb 7.87 10.92 e 7.62 8.25 2.92 3.80 3.30 0.46 6.35 1.52 0.25 9.27 7.87
cat93c66, CAT93W66 http://onsemi.com 10 package dimensions soic 8, 150 mils case 751bd ? 01 issue o e1 e a a1 h l c e b d pin # 1 identification top view side view end view notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec ms-012. symbol min nom max a a1 b c d e e1 e h 0o 8o 0.10 0.33 0.19 0.25 4.80 5.80 3.80 1.27 bsc 1.75 0.25 0.51 0.25 0.50 5.00 6.20 4.00 l 0.40 1.27 1.35
cat93c66, CAT93W66 http://onsemi.com 11 package dimensions soic ? 8, 208 mils case 751be ? 01 issue o e1 eb side view top view e d pin#1 identification end view a1 a l c notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with eiaj edr-7320.  symbol min nom max a a1 b c d e e1 e 0o 8o 0.05 0.36 0.19 5.13 7.75 5.13 1.27 bsc 2.03 0.25 0.48 0.25 5.33 8.26 5.38 l 0.51 0.76
cat93c66, CAT93W66 http://onsemi.com 12 package dimensions tssop8, 4.4x3 case 948al ? 01 issue o e1 e a2 a1 e b d c a top view side view end view  1 l1 l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-153. symbol min nom max a a1 a2 b c d e e1 e l1 0o 8o l 0.05 0.80 0.19 0.09 0.50 2.90 6.30 4.30 0.65 bsc 1.00 ref 1.20 0.15 1.05 0.30 0.20 0.75 3.10 6.50 4.50 0.90 0.60 3.00 6.40 4.40
cat93c66, CAT93W66 http://onsemi.com 13 package dimensions tdfn8, 2x3 case 511ak ? 01 issue a pin#1 identification e2 e a3 eb d a2 top view side view bottom view pin#1 index area front view a1 a l d2 notes: (1) all dimensions are in millimeters. (2) complies with jedec mo-229. symbol min nom max a 0.70 0.75 0.80 a1 0.00 0.02 0.05 a3 0.20 ref b 0.20 0.25 0.30 d 1.90 2.00 2.10 d2 1.30 1.40 1.50 e 3.00 e2 1.20 1.30 1.40 e 2.90 0.50 typ 3.10 l 0.20 0.30 0.40 a2 0.45 0.55 0.65
cat93c66, CAT93W66 http://onsemi.com 14 package dimensions sot ? 23, 6 lead case 527aj ? 01 issue o top view side view end view e1 e pin #1 identification a2 a1 e b d c a l1 l l2 notes: (1) all dimensions in millimeters. angles in degrees. (2) complies with jedec standard mo-178. 2 1 symbol min nom max 2 5 15 a a1 a2 b c d e e1 l l2 0.00 0.90 0.30 0.08 2.90 bsc 1.60 bsc 0.45 1.45 0.15 1.30 0.50 0.22 0.25 ref 1.15 2.80 bsc l1 0.60 ref e 0.30 0.60 0.95 bsc 0.90 10 1 5 15 10 0 8 4
cat93c66, CAT93W66 http://onsemi.com 15 package dimensions udfn8, 2x3 extended pad case 517az ? 01 issue o 0.065 ref copper exposed e2 d2 l e pin #1 index area pin #1 identification dap size 1.8 x 1.8 detail a d a1 b e a top view side view front view detail a bottom view a3 0.065 ref 0.0 - 0.05 a3 notes: (1) all dimensions are in millimeters. (2) refer jedec mo-236/mo-252. symbol min nom max a 0.45 0.50 0.55 a1 0.00 0.02 0.05 a3 0.127 ref b 0.20 0.25 0.30 d 1.95 2.00 2.05 d2 1.35 1.40 1.45 e 3.00 e2 1.25 1.30 1.35 e 2.95 0.50 ref 3.05 l 0.25 0.30 0.35 a
cat93c66, CAT93W66 http://onsemi.com 16 table 12. ordering information device order number specific device marking* package type temperature range lead finish shipping cat93c66li ? g 93c66h pdip ? 8 i = industrial ( ? 40 c to +85 c) nipdau tube, 50 units / tube cat93c66ve ? g 93c66h soic ? 8, jedec e = extended ( ? 40 c to +125 c) nipdau tube, 100 units / tube cat93c66ve ? gt3 93c66h soic ? 8, jedec e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel cat93c66vi ? g 93c66h soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tube, 100 units / tube cat93c66vi ? gt3 93c66h soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel cat93c66vp2e ? gt3 m2t tdfn ? 8 e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel cat93c66vp2i ? gt3 m2t tdfn ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel cat93c66yi ? g m66 tssop ? 8 i = industrial ( ? 40 c to +85 c) nipdau tube, 100 units / tube cat93c66yi ? gt3 m66 tssop ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel cat93c66ye ? gt3 m66 tssop ? 8 e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel CAT93W66vp2i ? gt3 m2c tdfn ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel cat93c66xi ? t2 93c66h soic ? 8, eiaj e = extended ( ? 40 c to +125 c) matte ? tin tape & reel, 2,000 units / reel cat93c66hu4i ? gt3 m2u udfn ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel cat93c66hu4e ? gt3 m2u udfn ? 8 e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel * marking for new product (rev h) 12. all packages are rohs ? compliant (lead ? free, halogen ? free). 13. the standard lead finish is nipdau. 14. for additional package and temperature options, please contact your nearest on semiconductor sales office. 15. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and ree l packaging specifications brochure, brd8011/d. 16. for detailed information and a breakdown of device nomenclature and numbering systems, please see the on semiconductor devic e nomenclature document, tnd310/d, available at www.onsemi.com on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. cat93c66/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of CAT93W66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X